Part Number Hot Search : 
20101 4AC24 APT5012 K2645 1500A SA12ARL 74279 ASF22RGS
Product Description
Full Text Search
 

To Download HG4510048-H1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniatu r e pcb power relay hg4 5 1 0 features 20 a sw it ch in g capacity wit hst an d in r u sh cu rre nt of 60 a 10 k v s ur ge vo lt age b et wee n coi l and c o n t a cts typical applications air conditioners heaters and refrigeration control microwave oven contact rating form 1 form a (h) 20 a, 250 v ac resistive u l /csa r a ting coil data coil voltage code nominal voltage ( vdc) must operate voltage max. ( vdc) must release voltage min. ( vdc) power consumption resistance ( w ) 10% 005 0 06 0 12 5 6 12 40 0. 9 w 160 3.5 4. 2 8. 4 0.5 0. 6 1. 2 contact data material initial contact resistance service life mechanical agcdo 5 0 m w max. at 1a, 6vdc 5 x 10 6 ops. 10 5 ops. electrical ordering designation example: hg4 51 0 / 012 - h 1 c model coil voltage code contact form h: 1 form a version contact material c: agcdo 1: sealed characteristics operate time release time insulation resistance dielectric strength shock resistance vibration resistance ambient temperature weight 15 ms. max. 10 ms. max. 1000 m w , at 500 vdc, 50%rh 2 0 00 v rms, 1 min. between coil and contacts 1000 v rms, 1 min. between open contacts 20 g, 11ms. functional; 100g, destructive da 1.5mm, 10 - 55 hz - 40 o c to 55 o c 42 g, app r ox. h g451 0 1/2 8 mm c re e pa ge dist anc e form 1 form a (h) 20 a, 2 20 v ac resistive m ax . s wit ch in g po we r ma x. sw it chi ng v ol ta ge m ax . s wi tc hi ng cu rr en t 5 0 00 va 2 50 va c 20 a 0 24 2 4 64 0 16 .8 2. 4 26. 4 m ax . a llo wab l e v oltage ( vdc) 5. 5 6. 5 13 .2 27 . 8 s ur ge v ol tage 1 0, 00 0 v , b et we en co il an d con ta cts 48 256 0 33 .6 4. 8 52 . 8 0 48
hg4 51 0 reference curve overall dimensions, mounting holes and wiring diagram (mm) overall dimensions mounting holes (bottom v iew) wiring diagram notes 1. all parameters, unless otherwise specified, are measured at ambient temperature 23oc. 2. custom-made services available with operational quantity. please let us know your special requirements. 3. specifications subject to change without prior notice. hg4 51 0 2/2 max. switching capacity switching current (a) 100 50 10 5 1 0. 5 0. 1 1 3 5 710 30 50 100 500 1000 switching voltage (v) life expectancy operations (x 10 3 ) 5000 1000 500 300 100 50 10 0 2 4 6 8 10 12 14 16 18 20 22 switching current (a)


▲Up To Search▲   

 
Price & Availability of HG4510048-H1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X